PART |
Description |
Maker |
54-786-027 1201-066 51-702-021 |
1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 25 A, DATA LINE FILTER
|
SPECTRUM CONTROL INC
|
ICM1206RK601M ICM-1206 ICM1206RK222M ICM1206RK900M |
2 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Choke
|
VISHAY DALE Vishay Siliconix http://
|
DSS9NP32A222Q54B DSS9NP32A222Q93J DSS9NP32A222Q92J |
1 FUNCTIONS, 100 V, 7 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 2200PF EMI SUPPRESSION FILTER DSS9NC52A222Q55B 3-PIN DIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DSS6NC52A271T41B DSN6NC51H330Q56B DSN6NC51H222Q56B |
1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 6 A, FEED THROUGH CAPACITOR FILTER NETWORK 100V 270PF 20%
|
MURATA MANUFACTURING CO LTD
|
YR2C2-104H YR1B2-502H YR2C2-502H YR2C2-153H YS2C2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR
|
AVX, Corp.
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
XD06CJ0121KT5 XD07CF0471F XD07CJ0621KT3 XD07CJ0621 |
1 FUNCTIONS, 500 V, DATA LINE FILTER 1 FUNCTIONS, 200 V, DATA LINE FILTER
|
AVX CORP
|
ACM1211-701-2PL-TL ACM1211-102-2PL-TL ACM7060-701- |
2 FUNCTIONS, 80 V, 8 A, DATA LINE FILTER ROHS COMPLIANT, SMD, 4 PIN 2 FUNCTIONS, 80 V, 6 A, DATA LINE FILTER ROHS COMPLIANT, SMD, 4 PIN 2 FUNCTIONS, 80 V, 4 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 4 A, DATA LINE FILTER
|
TDK, Corp.
|
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
500X14W102MV4E 101X14W102MV4R 101X18W472MV4R 101X1 |
1 FUNCTIONS, 50 V, DATA LINE FILTER 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|